PART |
Description |
Maker |
KDZ5.6CV |
VSC PACKAGE
|
KEC(Korea Electronics)
|
KDS114V |
VSC PACKAGE
|
KEC(Korea Electronics)
|
KDV214V |
VSC PACKAGE
|
KEC
|
26MB40A 36MB80A 35AMB12026MB 25AMB12026MB 35AMB120 |
SINGLE PHASE BRIDGE 单相桥式 4-Pole Solid State Relay w/o Protection SCR 单相桥式 IC REG LDO 1.0A 1.8V TO-252 IC DAA LITELINK III FW RING DET 3.3V TUBED equipment to provide connection and isolation to/from the public telephone network 50V Bridge in a D-34A package SINGLEPHASEBRIDGE 100V Bridge in a D-34A package 1200V Bridge in a D-34A package 400V Bridge in a D-34A package 600V Bridge in a D-34A package 800V Bridge in a D-34A package 1000V Bridge in a D-34A package
|
International Rectifier, Corp. InternationalRectifier IRF[International Rectifier]
|
4GBU005 4GBU01 4GBU02 4GBU04 4GBU06 4GBU08 |
600V Bridge in a GBU package 600V的大桥在GBU 50V Bridge in a GBU package 50V桥一GBU 800V Bridge in a GBU package 400V Bridge in a GBU package 200V Bridge in a GBU package 100V Bridge in a GBU package
|
Cornell Dubilier Electronics, Inc. International Rectifier
|
8GBU12 8GBU 8GBU005 8GBU01 8GBU02 8GBU04 8GBU06 8G |
200V Bridge in a GBU package 8.0 Amps Single Phase Full Wave 八点?安培单相全 50V Bridge in a GBU package 100V Bridge in a GBU package 600V Bridge in a GBU package
|
International Rectifier, Corp. IRF[International Rectifier]
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
4GBL01 4GBL02 4GBL04 4GBL06 4GBL08 |
100V Bridge in a GBL package 200V Bridge in a GBL package 400V Bridge in a GBL package 600V Bridge in a GBL package 800V Bridge in a GBL package
|
International Rectifier
|
AM29CPL151H-25/BXA AM29CPL151H-25/B3A AM29CPL151-1 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A JANTX2N6762 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF430 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFM250 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7225 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFMG50 with Standard Packaging User Programmable Special Function ASIC 500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A JANTXV2N6762 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A JANS2N6849 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6798 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A JANTX2N7228U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTX2N6798 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7221 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY9130CM with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN450 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF9240 with Standard Packaging 用户可编程ASIC的特殊功
|
Vectron International, Inc.
|
AM29DL323DB90WDIN AM29DL323DB120WDI AM29DL323DB120 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF450 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7228 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE430 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6802U with Standard Packaging 12V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRL7NJ3802 with Standard Packaging 60V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY044CM with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFM140 with Standard Packaging -20V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRL5NJ7404 with Standard Packaging 150V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRF5M3415 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A JANTXV2N7222U with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7218 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFM260 with Standard Packaging AME270461; A AME270461 with Standard Packaging x8/x16闪存EEPROM AFC461; Qualified Part Number similar to AFC461 x8/x16闪存EEPROM AME28461; A AME28461 with Standard Packaging x8/x16闪存EEPROM x8/x16 Flash EEPROM x8/x16闪存EEPROM 100V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A JANTXV2N6764 with Standard Packaging x8/x16闪存EEPROM IR2113L6; A IR2113L6 with Standard Packaging x8/x16闪存EEPROM -55V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A IRF5M4905 with Standard Packaging x8/x16闪存EEPROM
|
Spansion, Inc.
|
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|